PART |
Description |
Maker |
ICL3217ECA ICL3207ECA ICL3207ECA-T ICL3207ECAZ ICL |
/- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers( /-15KV ESD 保护,工作电~5.5V,低功耗,250KBPS,RS232收发 /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers( /- 15kV ESD防护, 3V5.5V, 低功 250kbps, RS-232收发 RS-232 Transceiver, 5T/3R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000), Auto Powerdown
|
Intersil Corporation
|
5962-9169201QXC 5962-9169202QXC 5962-9169201Q3C 59 |
Analog to Digital Converter ±15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection ±15kV ESD-Protected, 5V RS-232 Transceivers 八路D类触发器
|
Skyworks Solutions, Inc.
|
HIN202E HIN206E HIN207E HIN208E HIN211E HIN213E HI |
RS-232 Transceiver, 2T/2R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors, Icc=8mA RS-232 Transceiver, 4T/3R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors, Manual Shutdown RS-232 Transceiver, 5T/3R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors RS-232 Transceiver, 4T/4R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors RS-232 Transceiver, 4T/5R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors, Manual Shutdown RS-232 Transceiver, 4T/5R, 5V, 230kbps, 15KV ESD (IEC61000) , 0.1F Capacitors, Two Active Receivers in Shutdown Mode RS-232 Transceiver, 2T/2R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors, Icc=5mA
|
Intersil
|
ISL4223EIRZ-T ISL4221 ISL4221E ISL4221EIR ISL4221E |
QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers DUAL LINE TRANSCEIVER, PQCC20 QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kbps, RS-232 Transmitters/Receivers(QFN 封装, /-15kV ESD 防护, 2.7V5.5V, 150毫微 250kbps, RS-232收发 RES, SM 1.3K OHM 1/10W 1%
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MAX3190-BMAX3190E MAX3190EUT-T MAX3190 MAX3190E MA |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 15kV ESD-Protected / 460kbps / RS-232 Transmitters in SOT23-6 【15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6 ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6 ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3280 MAX3280E MAX3280EAUK-T MAX3281EAUT-T MAX32 |
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers 5kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers 5kV ESD保护52Mbps的,3V.5V,SOT23封装的RS-485/RS-422真正的失效保护接收器 32-Bit Digital Signal Controller with Flash 100-BGA MICROSTAR -40 to 85 15kV ESD-Protected 52Mbps / 3V to 5.5V / SOT23 RS-485/RS-422 True Fail-Safe Receivers "?à15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers" ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23
RS-485/RS-422 True Fail-Safe Receivers 【15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ST207E ST207EB ST207EBD ST207EBDR ST207EBPR ST207E |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 【 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER ± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MAX3222E MAX3222E-MAX3246E MAX3232E MAX3237E MAX32 |
-15kV ESD-protected, down to 10nA, 3.0V to5.5V, up to 1Mbps, true RS-232 transceiver. ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,Up to 1Mbps, True RS-232 Transceivers 15kV ESD-Protected Down to 10nA 3.0V to 5.5V Up to 1Mbps True RS-232 Transceivers From old datasheet system 【15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
|
Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ISL4221E ISL4221EIR-T ISL4221EIR ISL4223EIR-T ISL4 |
QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receiv QFN Packaged /-15kV ESD Protected 2.7V to 5.5V 150Nanoamp 250kBps RS-232 Transmitters/Receivers QFN Packaged/ /-15kV ESD Protected/ 2.7V to 5.5V/ 150Nanoamp/ 250kBps/ RS-232 Transmitters/Receivers RS-232 Transceiver, 2T/2R, 2.7V to 5.5V, 250kbps, 15KV ESD (IEC61000), Auto Powerdown RS-232 Transceiver, 1T/1R, 2.7V to 5.5V, 250kbps, 15KV ESD (IEC61000), Auto Powerdown
|
INTERSIL[Intersil Corporation]
|
ICL3226E ICL3244ECA ICL3244ECA-T ICL3244ECAZ ICL32 |
RS-232 Transceiver, 1T/1R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000), Enhanced Auto Powerdown RS-232 Transceiver, 2T/2R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000), Enhanced Auto Powerdown 15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
|
INTERSIL[Intersil Corporation]
|
MAX13481E MAX13481EETE MAX13482E MAX13482EETE MAX1 |
±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors DATACOM, INTERFACE CIRCUIT, QCC16 【15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors ±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
|